PART |
Description |
Maker |
S29AL016J55TFIR10 S29AL016J55FFIR20 S29AL016J55TFI |
1M X 16 FLASH 3V PROM, 55 ns, PDSO48 LEAD FREE, MO-142DDD, TSOP-48 1M X 16 FLASH 3V PROM, 55 ns, PBGA64 1M X 16 FLASH 3V PROM, 55 ns, PBGA48 1M X 16 FLASH 3V PROM, 55 ns, PDSO56
|
Spansion, Inc. SPANSION LLC
|
LH28F008SCHB-LF12 LH28F008SCT-LF12 LH28F008SCR-LF8 |
1M X 8 FLASH 2.7V PROM, 120 ns, PBGA42 FBGA-42 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO40 TSOP1-40 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO40 REVERSE, TSOP1-40 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO40 REVERSE, TSOP1-40 1M X 8 FLASH 2.7V PROM, 85 ns, PBGA42 FBGA-42 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO44 SOP-44 1M X 8 FLASH 2.7V PROM, 85 ns, PDSO40 TSOP1-40 1M X 8 FLASH 2.7V PROM, 120 ns, PDSO44 SOP-44 1M X 8 FLASH 5V PROM, 120 ns, PDSO56 512K X 8 FLASH 5V PROM, 60 ns, PDSO44 2M X 8 FLASH 5V PROM, 120 ns, PDSO56 512K X 8 FLASH 5V PROM, 60 ns, PDSO48 256K X 8 FLASH 5V PROM, 80 ns, PDSO32
|
Sharp Electronics, Corp. SHARP ELECTRONICS CORP
|
JS48F4400P0VB00 PF48F2000P0ZBQ0A JS28F128P30B85B P |
32M X 16 FLASH 1.8V PROM, 95 ns, PDSO56 14 X 20 MM, LEAD FREE, TSOP-56 4M X 16 FLASH 1.8V PROM, 88 ns, PBGA88 8 X 10 MM, 1.20 MM HEIGHT, LEAD FREE, SCSP-88 8M X 16 FLASH 1.8V PROM, 88 ns, PDSO56 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA64
|
Numonyx Asia Pacific Pte, Ltd.
|
AS8FLC1M32BQT-90_IT AS8FLC1M32BQT-90_Q AS8FLC1M32B |
Hermetic, Multi-Chip Module (MCM) 32Mb, 1M x 32, 3.0Volt Boot Block FLASH Array 1M X 32 FLASH 3V PROM, 70 ns, CPGA66 HIP-66 1M X 32 FLASH 3V PROM, 100 ns, CQFP68
|
http:// Austin Semiconductor, Inc MICROSS COMPONENTS
|
S29NS016J0PBJW003 S29NS064J0LBJW000 |
110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories 1M X 16 FLASH 1.8V PROM, 65 ns, PBGA44 4M X 16 FLASH 1.8V PROM, 70 ns, PBGA44
|
Spansion, Inc. SPANSION LLC
|
N25Q128A13BF840E N25Q128A23BF840E N25Q128A33BF840E |
16M X 8 FLASH 3V PROM, PDSO16 16M X 8 FLASH 3V PROM, PBGA24 128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
|
Numonyx B.V
|
W29EE012 W39L020P-70 W39L020P-70B W39L020P-90 W39L |
128K X 8 FLASH 5V PROM, 90 ns, PQCC32 128K X 8 FLASH 5V PROM, 90 ns, PDSO32 128K X 8 CMOS FLASH MEMORY 256K X 8 FLASH 3.3V PROM, 90 ns, PDSO32
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
AM29LV160DB-90WCC AM29LV160DB-70WCC AM29LV160DT-70 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 29LV160BB 16MBIT FLASH 3V TSOP-48 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 120 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 120 ns, PBGA48 IC SM FLASH 1MX16 120NS 3.3V 1M X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
HY29LV160TT-12 HY29LV160TF-12 HY29LV160TT-70 HY29L |
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PDSO48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
AM29LV800BT90SCB AM29LV800BB70FIB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 512K X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
|